PART |
Description |
Maker |
QL5030-4TQ144C QL5030-4TQ144I |
33MHz/32-bit PCI target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
S5935 |
PCI 5V Bus Master/Target Device 32-bit
|
Applied Micro Circuits Corp.
|
QL5232 |
33 MHz/32-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM
|
quicklogic
|
QL5432 QL5432_DS |
33 MHz/32-Bit PCI Master/Target with Embedded
Programmable Logic and Dual Port SRAM From old datasheet system
|
quicklogic
|
AB-2061G-33 |
33Mhz PCI to Local Bus Interface
|
Electronic Theatre Controls, Inc.
|
OR3LP26B |
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
|
AGERE[Agere Systems]
|
OR3TP12 |
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
|
AGERE[Agere Systems]
|
ADS931E |
8-Bit, 33MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
|
TI
|
PCI6466-CB66BI PCI6466-CB66BIG PCI6466 |
Dual-Mode (Transparent & Non-Transparent) Universal FastLane?/a> 64-bit, 66MHz PCI-to-PCI Bridge Dual-Mode (Transparent & Non-Transparent) Universal FastLane 64-bit, 66MHz PCI-to-PCI Bridge Dual-Mode (Transparent & Non-Transparent) Universal FastLane⑩ 64-bit, 66MHz PCI-to-PCI Bridge
|
PLX Technology
|
W89C940 W89C940F |
ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE) PCI Ethernet Controller
|
Winbond Electronics
|